Part Number Hot Search : 
M5817 C40S1 221M16 OB2288 TA0326A PC160 203D5 CCF6054K
Product Description
Full Text Search
 

To Download IL0509S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2 Watts IL Series
* * * * * * * Single Output SIP Package Industry Standard Pinout 1000 VDC Isolation Optional 3000 VDC Isolation Short Circuit Protection -40 C to +85 C Operation
DC-DC
xppower.com
Specification
Input
Input Voltage Range Input Current (no load) Input Reflected Ripple Input Reverse Voltage Protection * * * * Nominal 10% See table 20 mA rms (5 Hz to 20 MHz with 12 H) None
Input Voltage No Load Input Current 35 35 35 35 35 35 20 20 20 20 20 25 10 10 10 10 10 10 7 7 7 7 7 7 mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA Output Voltage 3.3 5.0 9.0 12.0 15.0 24.0 3.3 5.0 9.0 12.0 15.0 24.0 3.3 5.0 9.0 12.0 15.0 24.0 3.3 5.0 9.0 12.0 15.0 24.0 V V V V V V V V V V V V V V V V V V V V V V V V Output Current 400 400 222 168 132 84 400 400 222 168 132 84 400 400 222 168 132 84 400 400 222 168 132 84 mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA Efficiency 71% 77% 80% 82% 82% 82% 72% 78% 82% 84% 84% 82% 74% 80% 84% 84% 84% 84% 72% 78% 82% 80% 82% 82% Model Number(1) IL0503S IL0505S IL0509S IL0512S IL0515S IL0524S IL1203S IL1205S IL1209S IL1212S IL1215S IL1224S IL2403S IL2405S IL2409S IL2412S IL2415S IL2424S IL4803S IL4805S IL4809S IL4812S IL4815S IL4824S
5 VDC
Output
Output Voltage Minimum Load Line Regulation Load Regulation * * * * See table None(3) 1.2%/1% Vin 10%, 20-100% load change (3.3 V models: 20%) 3% 60 mV pk-pk, 20 MHz BW 0.02%/C 1 s max 220 F
12 VDC
Setpoint Accuracy * Ripple & Noise * Temperature Coefficient * Short Circuit Protection * Maximum Capacitive * Load
24 VDC
48 VDC
General
Efficiency Isolation Voltage Isolation Resistance Isolation Capacitance Switching Frequency MTBF * See table * 1000 VDC minimum (3000 VDC -H option) * 109 * 60 pF typical * Variable * >2 MHrs
Available from Farnell. See pages 204-206.
Mechanical Details
0.46 (11.68) max 0.01 (0.25) max 0.30 (7.62) -Vin +Vin -Vout +Vout 0.08 (2.03) 0.10 (2.54)
0.30 (7.62) max
Environmental
Operating Temperature Storage Temperature Case Temperature Cooling * * * * -40 C to +85 C -40 C to +125 C 100 C max Convection-cooled
0.40 (10.16) max
Notes
1. Add suffix `H' to model for 3000 VDC isolation. 2. All dimensions in inches (mm). 3. Operation at no load will not damage unit but it may not meet all specifications.
0.02 (0.51) 0.12 (3.05) min 0.02 (0.51)
19-Nov-08


▲Up To Search▲   

 
Price & Availability of IL0509S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X